| Moteur de recherche de fiches techniques de composants électroniques |
|
GTCX25-351M-R02 Fiches technique(PDF) 4 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
GTCX25-351M-R02 Fiches technique(HTML) 4 Page - Tyco Electronics |
|
4 / 5 page ![]() Gas Discharge Tubes Gas Discharge Tubes Document: SCD27304 Status: Released © 2008, 2011 Tyco Electronics Corporation, 4 Rev: B Date: MAY 11, 2011 a TE Connectivity Ltd. Company. All rights reserved. Packaging Information Part Numbering System General Characteristics GTCX25-XXXM-R02 Series GTCX25-XXXM-R02 Series Part Description Tray / Reel Standard Package No Leads: GTCN25-XXXM-R02 200pcs 5,000pcs Axial Leads: GTCA25-XXXM-R02 100pcs 1,000pcs Surface-mount: GTCS25-XXXM-R02 1,500pcs (Reel) 12,000pcs Example Part Number: GTCX25-351M-R02 GT = Gas Tube C = Ceramic X = Lead Configuration: N= No leads; A= Axial Leads; S= Surface-mount 2 = 2 Electrode device 5 = 5mm Diameter 351 = DC Spark Over Voltage of 350V (at 100V/s) M = Tolerance of 20% on DC Spark Over Voltage R = Product Family Designator 02 = Surge rating: 8x20 s 2.5kA 10 times No Radioactive Material Storage Temperature: -40ºC to +90ºC Operating Temperature: -40ºC to +90ºC Body: Nickel Plated Leads: Surface-mount, Axial Devices: Tin Plated Devices with No Leads: Nickel Plated Soldering Note: Devices with no leads are non-solderable; meant for insertion into magazine clips m |