| Moteur de recherche de fiches techniques de composants électroniques |
|
IRLR2905ZPBF Fiches technique(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRLR2905ZPBF Fiches technique(HTML) 10 Page - International Rectifier |
|
10 / 11 page ![]() IRLR/U2905ZPbF 10 www.irf.com I-Pak (TO-251AA) Package Outline Dimensions are shown in millimeters (inches) I-Pak (TO-251AA) Part Marking Information 78 LINE A LOGO INTERNATIONAL RECTIFIER OR PRODUCT (OPTIONAL) P = DES IGNATES LEAD-FREE A = ASSEMBLY S ITE CODE IRFU120 PART NUMBER WEEK 19 DATE CODE YEAR 1 = 2001 RECTIFIER INTERNATIONAL LOGO ASS EMBLY LOT CODE IRFU120 56 DATE CODE PART NUMBER LOT CODE ASS EMBLY 56 78 YEAR 1 = 2001 WEEK 19 119A indicates Lead-Free" ASS EMBLED ON WW19, 2001 IN THE AS SEMBLY LINE "A" Note: "P" in assembly line position EXAMPLE: WITH ASS EMBLY THIS IS AN IRFU120 LOT CODE 5678 Notes: 1. For an Automotive Qualified version of this part please see http://www.irf.com/product-info/auto/ 2. For the most current drawing please refer to IR website at http://www.irf.com/package/ |