Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APL3200 Fiches technique(PDF) 21 Page - Anpec Electronics Coropration

No de pièce APL3200
Description  Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3200 Fiches technique(HTML) 21 Page - Anpec Electronics Coropration

Back Button APL3200 Datasheet HTML 16Page - Anpec Electronics Coropration APL3200 Datasheet HTML 17Page - Anpec Electronics Coropration APL3200 Datasheet HTML 18Page - Anpec Electronics Coropration APL3200 Datasheet HTML 19Page - Anpec Electronics Coropration APL3200 Datasheet HTML 20Page - Anpec Electronics Coropration APL3200 Datasheet HTML 21Page - Anpec Electronics Coropration APL3200 Datasheet HTML 22Page - Anpec Electronics Coropration APL3200 Datasheet HTML 23Page - Anpec Electronics Coropration APL3200 Datasheet HTML 24Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Apr., 2009
APL3200
www.anpec.com.tw
21
Application
A
H
T1
C
d
D
W
E1
F
330.0±
2.00
50 MIN.
12.4+2.00
-0.00
13.0+0.50
-0.20
1.5 MIN.
20.2 MIN.
12.0±
0.30
1.75±
0.10
5.5±
0.10
P0
P1
P2
D0
D1
T
A0
B0
K0
QFN5x5-16
4.0±
0.10
8.0±
0.10
2.0±
0.10
1.5+0.10
-0.00
1.5 MIN.
0.6+0.00
-0.40
5.35±
0.20
5.35±
0.20
1.30±
0.20
Application
A
H
T1
C
d
D
W
E1
F
330.0±
2.00
50 MIN.
12.4+2.00
-0.00
13.0+0.50
-0.20
1.5 MIN.
20.2 MIN.
12.0±
0.30
1.75±
0.10
5.5±
0.05
P0
P1
P2
D0
D1
T
A0
B0
K0
TQFN4x4-16
4.0±
0.10
8.0±
0.10
2.0±
0.05
1.5+0.10
-0.00
1.5 MIN.
0.6+0.00
-0.40
4.30±
0.20
4.30±
0.20
1.30±
0.20
(mm)
Devices Per Unit
Carrier Tape & Reel Dimensions
Package Type
Unit
Quantity
QFN5x5-16
Tape & Reel
2500
TQFN4x4-16
Tape & Reel
3000
A
A
B
P0
OD0
B
A0
P2
K0
SECTION B-B
SECTION A-A
OD1
P1
T1
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24