| Moteur de recherche de fiches techniques de composants électroniques |
|
CRCW120682K5FSTA Fiches technique(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CRCW120682K5FSTA Fiches technique(HTML) 3 Page - Vishay Siliconix |
|
3 / 8 page ![]() www.vishay.com For technical questions, contact: thickfilmchip@vishay.com Document Number: 20008 120 Revision: 18-Nov-10 D/CRCW Vishay Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors DIMENSIONS PACKAGING MODEL UNIT PAPER TAPE ACC. IEC 60286-3, TYPE I BLISTER TAPE ACC. IEC 60286-3, TYPE II QUANTITY PART NUMBER PRODUCT DESC. QUANTITY PART NUMBER PRODUCT DESC. D10/CRCW0402 180 mm/7" 10 000 TD RT7 330 mm/13" 50 000 TE RF4 D11/CRCW0603 180 mm/7" 5000 TA RT1 285 mm/11.25" 10 000 TB RT5 330 mm/13" 20 000 TC RT6 D12/CRCW0805 180 mm/7" 5000 TA RT1 285 mm/11.25" 10 000 TB RT5 330 mm/13" 20 000 TC RT6 D25/CRCW1206 180 mm/7" 5000 TA RT1 285 mm/11.25" 10 000 TB RT5 330 mm/13" 20 000 TC RT6 CRCW1210 180 mm/7" 5000 TA RT1 285 mm/11.25" 10 000 TB RT5 330 mm/13" 20 000 TC RT6 CRCW1218 180 mm/7" 4000 TK RT9 CRCW2010 180 mm/7" 4000 TF R02 CRCW2512 180 mm/7" 2000 TG R67 4000 TH R82 SIZE DIMENSIONS in millimeters SOLDER PAD DIMENSIONS in millimeters REFLOW SOLDERING WAVE SOLDERING INCH METRIC L W H T1 T2 ab l a b l 0402 1005 1.0 ± 0.05 0.5 ± 0.05 0.35 ± 0.05 0.25 ± 0.05 0.2 ± 0.1 0.4 0.6 0.5 0603 1608 1.55 + 0.10 - 0.05 0.85 ± 0.1 0.45 ± 0.05 0.3 ± 0.2 0.3 ± 0.2 0.5 0.9 1.0 0.9 0.9 1.0 0805 2012 2.0 + 0.20 - 0.10 1.25 ± 0.15 0.45 ± 0.05 0.3 + 0.20 - 0.10 0.3 ± 0.2 0.7 1.3 1.2 0.9 1.3 1.3 1206 3216 3.2 + 0.10 - 0.20 1.6 ± 0.15 0.55 ± 0.05 0.45 ± 0.2 0.4 ± 0.2 0.9 1.7 2.0 1.1 1.7 2.3 1210 3225 3.2 ± 0.2 2.5 ± 0.2 0.55 ± 0.05 0.45 ± 0.2 0.4 ± 0.2 0.9 2.5 2.0 1.1 2.5 2.2 1218 3246 3.2 + 0.10 - 0.20 4.6 ± 0.15 0.55 ± 0.05 0.45 ± 0.2 0.4 ± 0.2 1.05 4.9 1.9 1.25 4.8 1.9 2010 5025 5.0 ± 0.15 2.5 ± 0.15 0.6 ± 0.1 0.6 ± 0.2 0.6 ± 0.2 1.0 2.5 3.9 1.2 2.5 3.9 2512 6332 6.3 ± 0.2 3.15 ± 0.15 0.6 ± 0.1 0.6 ± 0.2 0.6 ± 0.2 1.0 3.2 5.2 1.2 3.2 5.2 |