| Moteur de recherche de fiches techniques de composants électroniques |
|
E3F2-R4C4-P1 Fiches technique(PDF) 16 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3F2-R4C4-P1 Fiches technique(HTML) 16 Page - Omron Electronics LLC |
|
16 / 24 page ![]() 16 Photoelectric Sensors E3F2 Dimensions Note: All units are in millimeters unless otherwise indicated ■ DC-Switching Models, plastic, axial type Cable type Connector type Without potentiometer E3F2-7 @ E3F2-10 @ E3F2-R2 @4 E3F2-DS10 @4-N E3F2-LS10 @4 E3F2-R4 @4F E3F2-7 @-P1 E3F2-10 @ –P1 E3F2-R2 @4-P1 E3F2-DS10 @4-P1 E3F2-LS10 @4-P1 E3F2-R4 @4F-P1 With potentiometer E3F2-DS30 @4 E3F2-D1 @4 E3F2-DS30 @4-P1 E3F2-D1 @4-P1 4.8 dia 37 42.3 64.9 M18x1 6g Light indicator 5 4 8 24 optical area 5 4 8 M18x1 6g Light indicator 4.7 dia 42.3 37 73 24 62 optical area 37 42.3 49.3 M18x1 6g Light indicator Sensitivity adjustor 5 4 8 4.8 dia 24 64.9 optical area 5 4 8 M18x1 6g Sensitivity adjustor Light indicator 4.7 dia 49.3 42.3 37 73 24 62 optical area |