Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP708F Fiches technique(PDF) 8 Page - Toshiba Semiconductor

No de pièce TLP708F
Description  Factory Automation (FA) Home Electrical Appliances Operates at high ambient temperatures up to 125
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP708F Fiches technique(HTML) 8 Page - Toshiba Semiconductor

Back Button TLP708F Datasheet HTML 4Page - Toshiba Semiconductor TLP708F Datasheet HTML 5Page - Toshiba Semiconductor TLP708F Datasheet HTML 6Page - Toshiba Semiconductor TLP708F Datasheet HTML 7Page - Toshiba Semiconductor TLP708F Datasheet HTML 8Page - Toshiba Semiconductor TLP708F Datasheet HTML 9Page - Toshiba Semiconductor TLP708F Datasheet HTML 10Page - Toshiba Semiconductor TLP708F Datasheet HTML 11Page - Toshiba Semiconductor TLP708F Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TLP708,TLP708F
2012-08-07
8
PRECAUTIONS OF SURFACE MOUNTING TYPE PHOTOCOUPLER SOLDERING &
GENERAL STORAGE
(1) Precautions for Soldering
1) When Using Soldering Reflow
An example of a temperature profile when Sn-Pb eutectic solder is used:
An example of a temperature profile when lead(Pb)-free solder is used:
Reflow soldering should be performed no more than twice.
The mounting should be completed with the interval from the first to the last mountings being 2 weeks.
2) When using soldering flow (Applicable to both eutectic solder and lead (Pb)-free solder)
Apply preheating of 150
˚C for 60 to 120 seconds.
Mounting condition of 260
˚C or less within 10 seconds is recommended.
Flow soldering should be performed no more than once.
3) When using soldering iron (Applicable to both eutectic solder and Lead(Pb)-Free solder)
Complete soldering within 10 seconds for lead temperature not exceeding 260
˚C or within 3 seconds
not exceeding 350
˚C.
Heating by soldering iron should be performed no more than once per lead.
( °C )
( °C )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13