Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP181 Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TLP181
Description  Office Machine Programmable Controllers AC Adapter I/O Interface Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP181 Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TLP181 Datasheet HTML 1Page - Toshiba Semiconductor TLP181 Datasheet HTML 2Page - Toshiba Semiconductor TLP181 Datasheet HTML 3Page - Toshiba Semiconductor TLP181 Datasheet HTML 4Page - Toshiba Semiconductor TLP181 Datasheet HTML 5Page - Toshiba Semiconductor TLP181 Datasheet HTML 6Page - Toshiba Semiconductor TLP181 Datasheet HTML 7Page - Toshiba Semiconductor TLP181 Datasheet HTML 8Page - Toshiba Semiconductor TLP181 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP181
2009-11-12
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Transistor
TLP181
Office Machine
Programmable Controllers
AC Adapter
I/O Interface Board
The TOSHIBA mini flat coupler TLP181 is a small outline coupler, suitable
for surface mount assembly.
TLP181 consist of a photo transistor optically coupled to a gallium arsenide
infrared emitting diode. Since TLP181 is smaller than DIP package, it’s
suitable for high-density surface mounting applications such as
programmable controllers
• Collector−emitter voltage: 80V (min)
• Current transfer ratio: 50% (min)
Rank GB: 100% (min)
• Isolation voltage: 3750Vrms (min)
• Operation Temperature:-55 to 110 ˚C
• Safety Standards
UL recognized: UL1577, File No. E67349
cUL recognized: CSA Component Acceptance Service No. 5A
File No.E67349
• BSI approved: BS EN60065:2002, certificate No.8285
BS EN60950-1:2006 certificate No.8286
Option (V4) type
VDE approved : EN60747-5-2
Maximum Operating Insuration Voltage: 565 Vpk
Highest Permissible Overvoltage: 6000 Vpk
(Note) : When a EN60747-5-2 approved type is needed,
Please designate “Option(V4)”
Pin Configuration (top view)
6
1: Anode
3: Cathode
4: Emitter
6: Collector
4
1
3
Unit in mm
TOSHIBA
11−4C1
Weight: 0.09 g (Typ.)


Numéro de pièce similaire - TLP181

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP181 TOSHIBA-TLP181 Datasheet
359Kb / 8P
GaAs IRED and PHOTO-TRANSISTOR
08-Jan-1996
TLP181 TOSHIBA-TLP181 Datasheet
152Kb / 9P
GaAs Ired and Photo−Transistor
25-Sep-2002
TLP181 TOSHIBA-TLP181 Datasheet
173Kb / 9P
Photocoupler GaAs Ired & Photo−Transistor
TLP181 TOSHIBA-TLP181 Datasheet
209Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181 TOSHIBA-TLP181 Datasheet
209Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
More results

Description similaire - TLP181

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
OFFICE MACHINE PROGRAMMABLE CONTROLLERS
01-Jun-2001
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
25-Sep-2002
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
25-Sep-2002
TLP-181 TOSHIBA-TLP-181 Datasheet
217Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
Office Machine Programmable Controllers Office Machine Telecommunication
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
Office Machine Programmable Controllers
TLP181GB-TPLFT TOSHIBA-TLP181GB-TPLFT Datasheet
209Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181T TOSHIBA-TLP181T Datasheet
209Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP185GB-TPLEO TOSHIBA-TLP185GB-TPLEO Datasheet
239Kb / 11P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
Office Machine Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com