Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC5376FV Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce 2SC5376FV
Description  Audio Frequency General Purpose Amplifier Applications For Muting and Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5376FV Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  2SC5376FV Datasheet HTML 1Page - Toshiba Semiconductor 2SC5376FV Datasheet HTML 2Page - Toshiba Semiconductor 2SC5376FV Datasheet HTML 3Page - Toshiba Semiconductor 2SC5376FV Datasheet HTML 4Page - Toshiba Semiconductor 2SC5376FV Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC5376FV
2007-11-01
4
AMBIENT TEMPERATURE Ta (
°C)
PC – Ta
200
0
175
125
100
50
150
75
25
150
0
50
100
Mounted on FR4 board
(25.4 mm
× 25.4 mm × 1.6 mmt)



Html Pages

1 2 3 4 5