| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8278BRMZ-R7 Fiches technique(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8278BRMZ-R7 Fiches technique(HTML) 18 Page - Analog Devices |
|
18 / 24 page ![]() AD8278/AD8279 Rev. C | Page 18 of 24 APPLICATIONS INFORMATION CONFIGURATIONS The AD8278 and AD8279 can be configured in several ways (see Figure 51 to Figure 57). These configurations have excellent gain accuracy and gain drift because they rely on the internal matched resistors. Note that Figure 53 shows the AD8278 and AD8279 as difference amplifiers with a midsupply reference voltage at the noninverting input. This allows the AD8278 and AD8279 to be used as a level shifter, which is appropriate in single-supply applications that are referenced to midsupply. Table 10 lists several single-ended amplifier configurations that are not illustrated. 40kΩ 2 3 5 1 6 20kΩ 40kΩ 20kΩ –IN OUT +IN VOUT = ½ (VIN+ − VIN−) AD8278 Figure 51. Difference Amplifier, Gain = ½ 20kΩ 5 1 2 3 6 40kΩ 20kΩ 40kΩ –IN OUT +IN VOUT = 2(VIN+ − VIN−) AD8278 Figure 52. Difference Amplifier, Gain = 2 40kΩ 2 3 5 1 VREF = MIDSUPPLY 6 20kΩ 40kΩ 20kΩ –IN OUT +IN VOUT = ½ (VIN+ − VIN−) + VREF AD8278 Figure 53. Difference Amplifier, Gain = ½, Referenced to Midsupply 20kΩ 5 1 2 3 VREF = MIDSUPPLY 6 40kΩ 20kΩ 40kΩ –IN OUT +IN VOUT = 2 (VIN+ − VIN−) + VREF AD8278 Figure 54. Difference Amplifier, Gain = 2, Referenced to Midsupply 40kΩ 2 3 5 1 6 20kΩ 40kΩ 20kΩ IN OUT VOUT = –½VIN AD8278 Figure 55. Inverting Amplifier, Gain = −½ 40kΩ 25 6 20kΩ IN OUT 3 1 40kΩ 20kΩ VOUT = 1.5VIN AD8278 Figure 56. Noninverting Amplifier, Gain = 1.5 20kΩ 2 3 5 1 6 40kΩ 20kΩ 40kΩ OUT IN VOUT = 2VIN AD8278 Figure 57. Noninverting Amplifier, Gain = 2 Table 10. AD8278 Difference and Single-Ended Amplifier Configurations Amplifier Configuration Signal Gain Pin 1 (REF) Pin 2 (VIN−) Pin 3 (VIN+) Pin 5 (SENSE) Difference Amplifier +½ GND IN− IN+ OUT Difference Amplifier +2 IN+ OUT GND IN− Single-Ended Inverting Amplifier −½ GND IN GND OUT Single-Ended Inverting Amplifier −2 GND OUT GND IN Single-Ended Noninverting Amplifier +3⁄2 IN GND IN OUT Single-Ended Noninverting Amplifier +3 IN OUT IN GND Single-Ended Noninverting Amplifier +½ GND GND IN OUT Single-Ended Noninverting Amplifier +1 IN GND GND OUT Single-Ended Noninverting Amplifier +1 GND OUT IN GND Single-Ended Noninverting Amplifier +2 IN OUT GND GND |