Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7865ASZ Fiches technique(PDF) 19 Page - Analog Devices

No de pièce AD7865ASZ
Description  Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7865ASZ Fiches technique(HTML) 19 Page - Analog Devices

Back Button AD7865ASZ Datasheet HTML 11Page - Analog Devices AD7865ASZ Datasheet HTML 12Page - Analog Devices AD7865ASZ Datasheet HTML 13Page - Analog Devices AD7865ASZ Datasheet HTML 14Page - Analog Devices AD7865ASZ Datasheet HTML 15Page - Analog Devices AD7865ASZ Datasheet HTML 16Page - Analog Devices AD7865ASZ Datasheet HTML 17Page - Analog Devices AD7865ASZ Datasheet HTML 18Page - Analog Devices AD7865ASZ Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
REV. B
AD7865
–19–
44-Lead Plastic Quad Flatpack
(S-44)
0.548 (13.925)
0.546 (13.875)
0.033 (0.84)
0.029 (0.74)
0.016 (0.41)
0.012 (0.30)
TOP VIEW
(PINS DOWN)
1
33
34
44
11
12
23
22
0.398 (10.11)
0.390 (9.91)
0.083 (2.11)
0.077 (1.96)
0.040 (1.02)
0.032 (0.81)
0.040 (1.02)
0.032 (0.81)
SEATING
PLANE
0.096 (2.44)
MAX
0.037 (0.94)
0.025 (0.64)
8
0.8
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19