| Moteur de recherche de fiches techniques de composants électroniques |
|
ADG529ATCHIPS Fiches technique(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADG529ATCHIPS Fiches technique(HTML) 2 Page - Analog Devices |
|
2 / 12 page ![]() REV. B –2– ADG528A/ADG529A–SPECIFICATIONS DUAL SUPPLY ADG528A ADG528A ADG528A ADG529A ADG529A ADG529A K Version B Version T Version –40 °C to –40 °C to –55 °C to Parameter +25 °C +85°C +25 °C +85°C +25 °C +125°C Units Comments ANALOG SWITCH Analog Signal Range VSS VSS VSS VSS VSS VSS V min VDD VDD VDD VDD VDD VDD V max RON 280 280 280 Ω typ –10 V ≤ V S ≤ +10 V, I DS = 1 mA; Test Circuit 1 450 600 450 600 450 600 Ω max 300 400 300 400 Ω max VDD = 15 V ( ±10%), V SS = –15 V ( ±10%) 300 400 Ω max VDD = 15 V ( ±5%), V SS = –15 V ( ±5%) RON Drift 0.6 0.6 0.6 %/ °C typ –10 V ≤ V S ≤ +10 V, I DS = 1 mA RON Match 5 5 5 % typ –10 V ≤ V S ≤ +10 V, I DS = 1 mA IS (OFF), Off Input Leakage 0.02 0.02 0.02 nA typ V1 = ±10 V, V2 = 10 V; Test Circuit 2 150 1 50 150 nA max ID (OFF), Off Input Leakage 0.04 0.04 0.04 nA typ V1 = ±10 V, V2 = 10 V; Test Circuit 3 ADG528A 1 100 1 100 1 100 nA max ADG529A 1 50 1 50 1 50 nA max ID (ON), On Channel Leakage 0.04 0.04 0.04 nA typ V1 = ±10 V, V2 = 10 V; Test Circuit 4 ADG528A 1 100 1 100 1 100 nA max ADG529A 1 50 1 50 1 50 nA max IDIFF, Differential Off Output Leakage (ADG529A only) 25 25 25 nA max V1 = ±10 V, V2 = 10 V; Test Circuit 5 DIGITAL CONTROL VINH, Input High Voltage 2.4 2.4 2.4 V min VINL, Input Low Voltage 0.8 0.8 0.8 V max IINL or IINH 11 1 µA max V IN = 0 to VDD CIN Digital Input Capacitance 8 8 8 pF max DYNAMIC CHARACTERISTICS 1 tTRANSITION 200 200 200 ns typ V1 = ±10 V, V2 = 10 V; Test Circuit 6 300 400 300 400 300 400 ns max tOPEN 50 50 50 ns typ Test Circuit 7 25 10 25 10 25 10 ns min tON (EN, WR) 200 200 200 ns typ Test Circuits 8 and 9 300 400 300 400 300 400 ns max tOFF (EN, RS) 200 200 200 ns typ Test Circuits 8 and 10 300 400 300 400 300 400 ns max tW Write Pulse Width 100 120 100 120 100 130 ns min See Figure 1 tS Address, Enable Setup Time 100 100 100 ns min See Figure 1 tH, Address, Enable Hold Time 10 10 10 ns min See Figure 1 tRS Reset Pulse Width 100 100 100 ns min See Figure 2 OFF Isolation 68 68 68 dB typ VEN = 0.8 V, RL = 1 k Ω, C L = 15 pF, 50 50 50 dB min VS = 7 V rms, f = 100 kHz CS (OFF) 5 5 5 pF typ VEN = 0.8 V CD (OFF) ADG528A 22 22 22 pF typ VEN = 0.8 V ADG529A 11 11 11 pF typ QINJ, Charge Injection 4 4 4 pC typ RS = 0 Ω, V S = 0 V; Test Circuit 11 (VDD = +10.8 V to +16.5 V, VSS = –10.8 V to –16.5 V, unless otherwise noted.) |