| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4505-2ACBZ-R7 Fiches technique(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4505-2ACBZ-R7 Fiches technique(HTML) 8 Page - Analog Devices |
|
8 / 24 page ![]() ADA4505-1/ADA4505-2/ADA4505-4 Rev. D | Page 8 of 24 TA = 25°C, unless otherwise noted. 10k 1k 100 10 1 0.1 0.01 0.001 0.01 0.1 LOAD CURRENT (mA) 1 10 100 VSY = 1.8V –40°C +25°C +85°C +125°C Figure 19. Output Voltage (VOL) to Supply Rail vs. Load Current and Temperature 1.800 1.795 1.790 1.785 1.780 1.775 –40 –25 –10 5 20 35 50 65 80 95 110 125 TEMPERATURE (°C) VSY = 1.8V RL = 100kΩ RL = 10kΩ Figure 20. Output Voltage (VOH) vs. Temperature 25 20 15 10 5 0 –40 –25 –10 5 20 35 50 65 80 95 110 125 TEMPERATURE (°C) VSY = 1.8V RL = 100kΩ RL = 10kΩ Figure 21. Output Voltage (VOL) vs. Temperature 10k 1k 100 10 1 0.1 0.01 0.001 0.01 0.1 LOAD CURRENT (mA) 1 10 100 VSY = 5V –40°C +25°C +85°C +125°C Figure 22. Output Voltage (VOL) to Supply Rail vs. Load Current and Temperature 5.000 4.995 4.990 4.985 4.980 4.975 4.970 –40 –25 –10 5 20 35 50 65 80 95 110 125 TEMPERATURE (°C) VSY = 5V RL = 100kΩ RL = 10kΩ Figure 23. Output Voltage (VOH) vs. Temperature 25 20 15 10 5 0 –40 –25 –10 5 203550658095 110 125 TEMPERATURE (°C) VSY = 5V RL = 100kΩ RL = 10kΩ Figure 24. Output Voltage (VOL) vs. Temperature |