| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8548ECPXAVHC Fiches technique(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8548ECPXAVHC Fiches technique(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 151 page ![]() MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9 2 Freescale Semiconductor Overview Figure 1. Device Block Diagram 1.1 Key Features The following list provides an overview of the device feature set: • High-performance 32-bit core built on Power Architecture® technology. — 32-Kbyte L1 instruction cache and 32-Kbyte L1 data cache with parity protection. Caches can be locked entirely or on a per-line basis, with separate locking for instructions and data. — Signal-processing engine (SPE) APU (auxiliary processing unit). Provides an extensive instruction set for vector (64-bit) integer and fractional operations. These instructions use both the upper and lower words of the 64-bit GPRs as they are defined by the SPE APU. — Double-precision floating-point APU. Provides an instruction set for double-precision (64-bit) floating-point instructions that use the 64-bit GPRs. — 36-bit real addressing — Embedded vector and scalar single-precision floating-point APUs. Provide an instruction set for single-precision (32-bit) floating-point instructions. — Memory management unit (MMU). Especially designed for embedded applications. Supports 4-Kbyte to 4-Gbyte page sizes. — Enhanced hardware and software debug support Core Complex x8 PCI Express 4x RapidIO 66 MHz PCI 32-bit 10/100/1Gb MII, GMII, TBI, RTBI, RGMII, Serial IRQs SDRAM DDR Flash SDRAM GPIO Bus I2C I2C Controller eTSEC 32-bit PCI Bus Interface (If 64-bit not used) e500 Coherency Module DDR/DDR2/ Memory Controller Local Bus Controller Programmable Interrupt Controller (PIC) DUART e500 Core 512-Kbyte L2 Cache/ SRAM 32-bit PCI/ 64-bit PCI/PCI-X Bus Interface 32-Kbyte L1 Instruction Cache 32-Kbyte L1 Data Cache OceaN Switch Fabric Serial RapidIO or PCI Express 4-Channel DMA Controller 133 MHz PCI/PCI-X I2C I2C Controller RMII 10/100/1Gb MII, GMII, TBI, RTBI, RGMII, eTSEC RMII 10/100/1Gb MII, GMII, TBI, RTBI, RGMII, eTSEC RMII 10/100/1Gb RTBI, RGMII, eTSEC Security Engine XOR Engine RMII |