| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F2525IMLSQTP Fiches technique(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2525IMLSQTP Fiches technique(HTML) 5 Page - Microchip Technology |
|
5 / 412 page ![]() © 2008 Microchip Technology Inc. DS39626E-page 3 PIC18F2525/2620/4525/4620 Pin Diagrams (Cont.’d) 10 11 2 3 4 5 6 1 8 7 29 30 31 32 33 23 24 25 26 27 28 9 PIC18F4525 OSC2/CLKO/RA6 OSC1/CLKI/RA7 VSS VSS VDD VDD RE2/CS/AN7 RE1/WR/AN6 RE0/RD/AN5 RA5/AN4/SS/HLVDIN/C2OUT RA4/T0CKI/C1OUT RC7/RX/DT RD4/PSP4 RD5/PSP5/P1B RD6/PSP6/P1C RD7/PSP7/P1D VSS VDD VDD RB0/INT0/FLT0/AN12 RB1/INT1/AN10 RB2/INT2/AN8 44-Pin QFN(2) PIC18F4620 10 11 2 3 4 5 6 1 8 7 29 30 31 32 33 23 24 25 26 27 28 9 PIC18F4525 NC RC0/T1OSO/T13CKI OSC2/CLKO/RA6 OSC1/CLKI/RA7 VSS VDD RE2/CS/AN7 RE1/WR/AN6 RE0/RD/AN5 RA5/AN4/SS/HLVDIN/C2OUT RA4/T0CKI/C1OUT RC7/RX/DT RD4/PSP4 RD5/PSP5/P1B RD6/PSP6/P1C RD7/PSP7/P1D VSS VDD RB0/INT0/FLT0/AN12 RB1/INT1/AN10 RB2/INT2/AN8 RB3/AN9/CCP2(1) 44-Pin TQFP PIC18F4620 Note 1: RB3 is the alternate pin for CCP2 multiplexing. 2: For the QFN package, it is recommended that the bottom pad be connected to VSS. |