Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8548ECPXATJB Fiches technique(PDF) 51 Page - Freescale Semiconductor, Inc

No de pièce MPC8548ECPXATJB
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECPXATJB Fiches technique(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECPXATJB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8548ECPXATJB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8548ECPXATJB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8548ECPXATJB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8548ECPXATJB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8548ECPXATJB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8548ECPXATJB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8548ECPXATJB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8548ECPXATJB Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
51
Local Bus
Figure 27. Local Bus Signals, GPCM/UPM Signals for LCCR[CLKDIV] = 8 or 16 (PLL Enabled)
LSYNC_IN
UPM Mode Input Signal:
LUPWAIT
tLBIXKH2
tLBIVKH2
tLBIVKH1
tLBIXKH1
tLBKHOZ1
T1
T3
UPM Mode Output Signals:
LCS[0:7]/LBS[0:3]/LGPL[0:5]
GPCM Mode Output Signals:
LCS[0:7]/LWE
tLBKHOV1
tLBKHOV1
tLBKHOZ1
T2
T4
Input Signals:
LAD[0:31]/LDP[0:3]
GPCM Mode Input Signal:
LGTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More