| Moteur de recherche de fiches techniques de composants électroniques |
|
M68000PM/AD Fiches technique(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68000PM/AD Fiches technique(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 14 page ![]() QUICC QUICC QUICC SCC1 ETHERNET SCC1 SCC1 MC68160 EEST MC68160 EEST MC68160 EEST Figure 4. Ethernet LAN Capability Figure 5 shows how up to six of the serial channels can connect to a TDM interface. The QUICC provides a built-in time-slot assigner for access to the TDM time slots. Other channels can work with their own set of pins, allowing possibilities like an Ethernet to T1 bridge, etc. QUICC TIME DIVISION MULTIPLEXED BUS T1, CEPT, IDL, GCI, ISDN, PRIMARY RATE, USER-DEFINED TIME SLOT ASSIGNER SCC SCC SCC SCC SMC SMC ANY COMBINATION OF SCCs AND SMCs MAY BE CONNECTED TO THE TDM. NOTE: Independent receive and transmit clocking, routing, and syncs are supported. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |