Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST802RT1B Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button ST802RT1B Datasheet HTML 43Page - STMicroelectronics ST802RT1B Datasheet HTML 44Page - STMicroelectronics ST802RT1B Datasheet HTML 45Page - STMicroelectronics ST802RT1B Datasheet HTML 46Page - STMicroelectronics ST802RT1B Datasheet HTML 47Page - STMicroelectronics ST802RT1B Datasheet HTML 48Page - STMicroelectronics ST802RT1B Datasheet HTML 49Page - STMicroelectronics ST802RT1B Datasheet HTML 50Page - STMicroelectronics ST802RT1B Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
ST802RT1A, ST802RT1B
Device operation
Doc ID 17049 Rev 1
47/58
7.21
PECL receiver
The data signals coming from the optical transceiver are in PECL format and need to be
converted to CMOS level before being transmitted to the data and clock recovery, and to the
digital portion.
The data is sampled by the optical transceiver, but the data stream is related to the clock of
the transmitting transceiver, so it needs to be recovered, re-sampled and aligned to the RX
clock.
This function and all the timing involved are assumed to be compatible with that currently
available for the 100TX (twisted pair), so no modifications are required for this circuit.
Figure 9.
Implementation of the PECL TX section
Figure 10.
Implementation of the PECL RX section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58