Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST802RT1AFR Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce ST802RT1AFR
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1AFR Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button ST802RT1AFR Datasheet HTML 49Page - STMicroelectronics ST802RT1AFR Datasheet HTML 50Page - STMicroelectronics ST802RT1AFR Datasheet HTML 51Page - STMicroelectronics ST802RT1AFR Datasheet HTML 52Page - STMicroelectronics ST802RT1AFR Datasheet HTML 53Page - STMicroelectronics ST802RT1AFR Datasheet HTML 54Page - STMicroelectronics ST802RT1AFR Datasheet HTML 55Page - STMicroelectronics ST802RT1AFR Datasheet HTML 56Page - STMicroelectronics ST802RT1AFR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
ST802RT1A, ST802RT1B
Package mechanical data
Doc ID 17049 Rev 1
53/58
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58