| Moteur de recherche de fiches techniques de composants électroniques |
|
RL1632W-6-R001G Fiches technique(PDF) 2 Page - Delta Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RL1632W-6-R001G Fiches technique(HTML) 2 Page - Delta Electronics, Inc. |
|
2 / 6 page ![]() PAGE 2 OF 6 TITLE : DOCUMENT NO. SMN60000NH PAGE REV. A0 UNLESS OTHERWISE SPECIFIED TOLERANCES ON ﹕ X = ± X.X = ± X.XX = ± ANGLES ± HOLE DIA. ± SCALE ﹕ X UNIT ﹕ X APPROVED BY ﹕ DRAWN BY ﹕ connie 4/3/13 DESIGNED BY ﹕ CHECKED BY ﹕ THIS DRAWINGS AND SPECIFICATIONS ARE THE PROPERTY OF Delta Electronics, Inc. AND SHALL NOT BE REPRODUCED OR USED AS THE BASIS FOR THE MANUFACTURE OR SALE OF APPARATUS OR DEVICES WITHOUT PERMISSION 台達電子工業股份有限公司 台達電子工業股份有限公司 台達電子工業股份有限公司 台達電子工業股份有限公司 Delta Electronics, Inc. The Engineering Spec. For 1W 0612 Low Resistance Chip Resistor 4. Ratings 4-1 Specification Power Ratings * 1 W Resistance Value 1 ~10m Ω Resistance Tolerance ±1% 、±2% 、±5% Temperature Coefficient of Resistance ±150ppm/℃ (Reflow) Note *: Power ratings is based on continuous full load operation at rated ambient temperature of 70℃. For resistors operated at ambient temperature in excess of 70℃, the maximum load shall be derated in accordance with the following curve. Figure 2.:Power Temperature Derating Curve 4-2 Rated Voltage The rated voltage shall be determined by the following expression. R P V × = Where V:Rated voltage (V) R:Nominal resistance value ( Ω) P:Rated dissipation (W) 4-3 Operating and Storage Temperature Range -55 to +155℃ AMBIENT TEMPERATURE( ) ℃ 0 -55 100 70 155 |