Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8537 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Fiches technique(HTML) 2 Page - NXP Semiconductors

  PCF8537 Datasheet HTML 1Page - NXP Semiconductors PCF8537 Datasheet HTML 2Page - NXP Semiconductors PCF8537 Datasheet HTML 3Page - NXP Semiconductors PCF8537 Datasheet HTML 4Page - NXP Semiconductors PCF8537 Datasheet HTML 5Page - NXP Semiconductors PCF8537 Datasheet HTML 6Page - NXP Semiconductors PCF8537 Datasheet HTML 7Page - NXP Semiconductors PCF8537 Datasheet HTML 8Page - NXP Semiconductors PCF8537 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
2 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
3.
Applications
White goods
Handheld electronics
Battery operated equipment
Machine control systems
Measuring equipment
Information boards
Panels
Consumer
Industrial
Medical and health care
4.
Ordering information
5.
Marking
Table 1.
Ordering information
Type number
Interface type
Package
Name
Description
Version
PCF8537AH/1
I2C-bus
TQFP64
plastic thin quad flat package; 64 leads;
body 10
 10  1.0 mm
SOT357-1
PCF8537BH/1
SPI-bus
TQFP64
plastic thin quad flat package; 64 leads;
body 10
 10  1.0 mm
SOT357-1
Table 2.
Marking codes
Type number
Marking code
PCF8537AH/1
PCF8537AH
PCF8537BH/1
PCF8537BH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82