Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFRA204-G Fiches technique(PDF) 2 Page - Comchip Technology

No de pièce CFRA204-G
Description  SMD Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CFRA204-G Fiches technique(HTML) 2 Page - Comchip Technology

  CFRA204-G Datasheet HTML 1Page - Comchip Technology CFRA204-G Datasheet HTML 2Page - Comchip Technology CFRA204-G Datasheet HTML 3Page - Comchip Technology CFRA204-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-BF009
RATING AND CHARACTERISTIC CURVES (CFRA201-G thru CFRA207-G)
Ambient temperature, (°C)
175
125
50
25
Fig.1- Forward current derating curve
0
0.5
1.0
1.5
2.0
Reverse Voltage, (V)
1
Fig.3- Typical junction capacitance
100
10
100
Fig.2- Maximum Non-repetitive Surge Current
Comchip Technology CO., LTD.
Page 2
REV:A
10
SMD Fast Recovery Rectifiers
75
100
1
10
100
Number Of Cycle At 60Hz
0
10
20
Instantaneous forward voltage, (V)
0
Fig.4- Typical forward characteristics
0.01
0.1
1
10
0.4
30
40
50
60
TJ=25°C
Pulse width 8.3ms
(JEDEC method)
single half - sine - wave
0.2
0.8
0.6
1.2
1.0
1.6
1.4
1.8
Pulse width 300μS
TJ=25°C
0
CFRA201-G-CFRA204-G
CFRA205-G-CFRA207-G
TJ=25°C, f=1MHZ
150
Single phase half wave 60Hz
Resistive or inductive lode



Html Pages

1 2 3 4