| Moteur de recherche de fiches techniques de composants électroniques |
|
RLT1220-3-R050F Fiches technique(PDF) 5 Page - Delta Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RLT1220-3-R050F Fiches technique(HTML) 5 Page - Delta Electronics, Inc. |
|
5 / 9 page ![]() SPECIFICATION FOR APPROVAL DOCUMENT : SRK430000NH REVISION : A1 PAGE : 5 OF 9 6-3 Endurance Item Specification and Requirement Test Method (JIS 5201) Rapid Change of Temperature △ R:±1.0% Without distinct damage in appearance (1) Repeat 5 cycle as follow: (-55 ± 3℃,30minutes) →(Room temperature, 2~3 minutes) →(+125 ± 2℃,30minutes) →(Room temperature 2~3 minutes) (2) Measuring resistance 1 hour after test Moisture with Load △ R: ±5.0% Without distinct damage in appearance (1) Environment condition: 40 ± 2℃,90~95% RH (2) Applied Voltage: rated voltage (3) Test period: (1.5 hour ON) →(0.5 hour OFF) cycled for total 1,000 + 48 / - 0 hours (4) Measuring resistance 1 hour after test Load Life △ R: ±5.0% Without distinct damage in appearance (1) Test temperature: 70 ± 3℃ (2) Applied Voltage: rated voltage (3) Test period: (1.5 hour ON) →(0.5 hour OFF) cycled for total 1,000 + 48 / - 0 hours (4) Measuring resistance 1 hour after test Low Temperature Store △ R: ± 5.0% Without distinct damage in appearance (1) Store temperature: -55 ± 3℃ for total 1,000 + 48 / - 0 hours (2) Measuring resistance 1 hour after test High Temperature Store △ R: ± 5.0% Without distinct damage in appearance (1) Store temperature: +125 ± 2℃ for total 1,000 + 48 / - 0 hours (2) Measuring resistance 1 hour after test |