Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RLW2012-6-R010F Fiches technique(PDF) 4 Page - Delta Electronics, Inc.

No de pièce RLW2012-6-R010F
Description  1W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RLW2012-6-R010F Fiches technique(HTML) 4 Page - Delta Electronics, Inc.

  RLW2012-6-R010F Datasheet HTML 1Page - Delta Electronics, Inc. RLW2012-6-R010F Datasheet HTML 2Page - Delta Electronics, Inc. RLW2012-6-R010F Datasheet HTML 3Page - Delta Electronics, Inc. RLW2012-6-R010F Datasheet HTML 4Page - Delta Electronics, Inc. RLW2012-6-R010F Datasheet HTML 5Page - Delta Electronics, Inc. RLW2012-6-R010F Datasheet HTML 6Page - Delta Electronics, Inc. RLW2012-6-R010F Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SRL60000NH
REVISION
: A0
PAGE
: 4 OF 7
Test Item
Condition of Test
Requirements
Load Life
Rated voltage for 1.5 hours followed by a
pause 0.5 hour at 70
± 2℃.
Cycle repeated 1000 hours
Refer to JIS C 5201-1 4.25
∆R : ± (1.0%+0.0005
Ω)
Without distinct damage in
appearance
Damp Heat with Load
40
± 2℃ with relative humidity 90% to
95%. D.C. rated voltage for 1.5 hours
ON and 30 minutes OFF. Cycle
repeated 1,000 hours
Refer to JIS C 5201-1 4.24
∆R : ± (1.0%+0.0005
Ω)
Without distinct damage in
appearance
Mechanical Shock
100 G’s for 6milliseconds. 5 pulses
Refer to JIS C 5201-1 4.21
∆R : ± (0.5%+0.0005
Ω)
Without mechanical damage such
as break
Bending Test
Glass-Epoxy board thickness : 1.6mm
Bending width : 2mm
Between the fulcrums : 90mm
Refer to JIS C 5201-1 4.33
∆R : ±(1.0%+0.0005
Ω)
Without mechanical damage such
as break



Html Pages

1 2 3 4 5 6 7