| Moteur de recherche de fiches techniques de composants électroniques |
|
TL072ACDG4 Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL072ACDG4 Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 48 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 18-Oct-2013 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL071CPSRE4 ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 T071 TL071CPSRG4 ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 T071 TL071CPWLE OBSOLETE TSSOP PW 8 TBD Call TI Call TI 0 to 70 TL071ID ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL071I TL071IDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL071I TL071IDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL071I TL071IDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL071I TL071IDRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL071I TL071IDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL071I TL071IJG OBSOLETE CDIP JG 8 TBD Call TI Call TI -40 to 85 TL071IP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 TL071IP TL071IPE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 TL071IP TL071MFKB OBSOLETE LCCC FK 20 TBD Call TI Call TI -55 to 125 TL071MJG OBSOLETE CDIP JG 8 TBD Call TI Call TI -55 to 125 TL071MJGB OBSOLETE CDIP JG 8 TBD Call TI Call TI -55 to 125 TL072ACD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 072AC TL072ACDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 072AC TL072ACDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 072AC TL072ACDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 072AC TL072ACDRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 072AC |