| Moteur de recherche de fiches techniques de composants électroniques |
|
SIG4018L-R56 Fiches technique(PDF) 2 Page - Delta Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SIG4018L-R56 Fiches technique(HTML) 2 Page - Delta Electronics, Inc. |
|
2 / 5 page ![]() SPECIFICATION FOR APPROVAL DOCUMENT : SIG4018L-XXX REVISION : A4 PAGE : 2 OF 11 B C A 5. Recommend Land Pattern Dimensions The customer shall determine the land dimensions shown above after confirming and safety. 6. Specifications Rdc ( mΩ) Heat Rating Current DC Amps. Idc ( A ) Saturation Current DC Amps. Isat ( A ) Part Number L0 Inductance ( µH ) @ (0A) Typical Maximum Typical Maximum Typical Maximum SIG4018L-R56 0.56 17 22 5.4 4.86 5.5 4.95 SIG4018L-1R0 1.0 20 25 3.8 3.42 3.8 3.42 SIG4018L-1R2 1.2 25 30 3.6 3.24 3.6 3.24 SIG4018L-1R5 1.5 33 40 3.2 2.88 3.5 3.15 SIG4018L-1R8 1.8 34 41 3.1 2.79 3.1 2.79 SIG4018L-2R2 2.2 35 45 3.0 2.70 3.0 2.70 SIG4018L-3R3 3.3 45 56 2.7 2.43 2.4 2.16 SIG4018L-4R7 4.7 70 90 2.2 1.98 2.0 1.80 SIG4018L-6R8 6.8 90 115 1.9 1.71 1.7 1.53 SIG4018L-8R2 8.2 105 132 1.5 1.35 1.6 1.44 SIG4018L-100 10.0 135 170 1.4 1.26 1.55 1.40 SIG4018L-150 15.0 185 222 1.25 1.12 1.0 0.90 SIG4018L-220 22.0 250 315 1.2 1.08 0.83 0.74 SIG4018L-330 33.0 405 486 0.9 0.81 0.68 0.61 SIG4018L-470 47.0 495 594 0.8 0.72 0.56 0.50 SIG4018L-680 68.0 885 1,062 0.58 0.52 0.48 0.43 SIG4018L-101 100.0 1,545 1,854 0.42 0.37 0.45 0.40 SIG4018L-221 220.0 3,150 3,780 0.30 0.27 0.33 0.30 SIG4018L-331 330.0 4,200 5,040 0.27 0.24 0.25 0.22 * :If you require another part number please contact with us. **:Inductance Tolerance ± 20% Note 1.: All test data is referenced to 25 ambient. ℃ Note 2.: Idc : DC current (A) that will cause an approximate T of 40 △ ℃ Note 3.: Isat : DC current (A) that will cause Lo to drop approximately 30% Note 4.: Operating Temperature Range -55 to + 125 ℃ ℃ Note 5.: The part temperature (ambient + temp rise ) should not exceed 125 under worse case operating ℃ conditions. Circuit design , component placement, PWB trace size and thickness, airflow and other cooling provision all affect the part temperature. Part temperature should be verified in the end application. Note 6.: The rated current as listed is either the saturation current or the heating current depending on which value is lower. A 3.8 B 1.8 C 3.8 Unit : mm |