| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETE100APCM Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE100APCM Fiches technique(HTML) 3 Page - Texas Instruments |
|
3 / 26 page ![]() ThunderLAN ™ TNETE100A PCI ETHERNET ™ CONTROLLER SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN SPWS021B – OCTOBER 1995 – REVISED NOVEMBER 1996 3 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 description (continued) Compliant with IEEE Standard 1149.1 (JTAG), the TNETE100A provides a five-pin test-access port that is used for boundary-scan testing. The TNETE100A is available in a 144-pin thin quad flat package and quad flat package. differences between TNETE100 and TNETE100A: The TNETE100A implements the CIS pointer register as defined in the PC card standard. This register can be found in the PCI configuration registers at offset 28h. For other differences between the TNETE100 and TNETE100A, consult the ThunderLAN Programmer’s Guide (literature number SPWU013). pin assignments PCM AND PGE PACKAGES ( TOP VIEW ) ARCVN VDDR ARCVP FRCVN VDDR FRCVP VSSR VSST AXMTN AXMTP FXMTN FXMTP VDDT MRST VDDL MDIO VSSL MDCLK MRXER MRXDV VSSI MRXD3 MRXD2 MRXD1 VDDL MRXD0 MRCLK MCRS MCOL VDDL MTXER MTXEN MTXD3 VSSL MTXD2 MTXD1 PAD24 PC/BE3 VSSI PIDSEL PAD23 VDDI PAD22 PAD21 PAD20 VSSI PAD19 PAD18 PAD17 VDDI PAD16 PC/BE2 PFRAME VSSL PIRDY PTRDY PDEVSEL VDDL PSTOP PPERR PSERR VSSI PPAR PC/BE1 PAD15 PAD14 VSSI PAD13 PAD12 VDDI PAD11 PAD10 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 |