| Moteur de recherche de fiches techniques de composants électroniques |
|
ADR5041AKSZ-R21 Fiches technique(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADR5041AKSZ-R21 Fiches technique(HTML) 13 Page - Analog Devices |
|
13 / 16 page ![]() ADR5040/ADR5041/ADR5043/ADR5044/ADR5045 Rev. A | Page 13 of 16 OUTLINE DIMENSIONS ALL DIMENSIONS COMPLIANT WITH EIAJ SC70 0.40 0.25 0.10 MAX 1.00 0.80 SEATING PLANE 1.10 0.80 0.40 0.10 0.26 0.10 0.30 0.20 0.10 2 1 3 PIN 1 0.65 BSC 2.20 2.00 1.80 2.40 2.10 1.80 1.35 1.25 1.15 0.10 COPLANARITY Figure 24. 3-Lead Thin Shrink Small Outline Transistor Package [SC70] (KS-3) Dimensions shown in millimeters COMPLIANT TO JEDEC STANDARDS TO-236-AB 1 2 3 SEATING PLANE 2.64 2.10 3.04 2.80 1.40 1.20 2.05 1.78 0.100 0.013 1.03 0.89 0.60 0.45 0.51 0.37 1.12 0.89 0.180 0.085 0.55 REF Figure 25. 3-Lead Small Outline Transistor Package [SOT-23-3] (RT-3) Dimensions shown in millimeters ORDERING GUIDE Model Output Voltage (V) Initial Accuracy (mV) Tempco Industrial (ppm/°C) Temperature Range Package Description Package Option Ordering Quantity Branding ADR5040AKSZ-R21 2.048 4.096 100 –40°C to +125°C 3-Lead SC70 KS-3 250 R2J ADR5040AKSZ-REEL1 2.048 4.096 100 –40°C to +125°C 3-Lead SC70 KS-3 10,000 R2J ADR5040AKSZ-REEL71 2.048 4.096 100 –40°C to +125°C 3-Lead SC70 KS-3 3,000 R2J ADR5040ARTZ-R21 2.048 4.096 100 –40°C to +125°C 3-Lead SOT-23-3 RT-3 250 R2J ADR5040ARTZ-REEL1 2.048 4.096 100 –40°C to +125°C 3-Lead SOT-23-3 RT-3 10,000 R2J ADR5040ARTZ-REEL71 2.048 4.096 100 –40°C to +125°C 3-Lead SOT-23-3 RT-3 3,000 R2J ADR5040BKSZ-R21 2.048 2.048 75 –40°C to +125°C 3-Lead SC70 KS-3 250 R2L ADR5040BKSZ-REEL71 2.048 2.048 75 –40°C to +125°C 3-Lead SC70 KS-3 3,000 R2L ADR5040BRTZ-R21 2.048 2.048 75 –40°C to +125°C 3-Lead SOT-23-3 RT-3 250 R2L ADR5040BRTZ-REEL71 2.048 2.048 75 –40°C to +125°C 3-Lead SOT-23-3 RT-3 3,000 R2L |