| Moteur de recherche de fiches techniques de composants électroniques |
|
91A1A-R16-A Fiches technique(PDF) 5 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
91A1A-R16-A Fiches technique(HTML) 5 Page - Bourns Electronic Solutions |
|
5 / 5 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. SWITCH TYPE (MODEL 99 ONLY) (R50) DPST N.O./N.C. CW Detent In-Line Term (R51) DPST N.O./N.C. CCW Detent In-Line Term (R52) DPST N.O./N.O. CW Detent In-Line Term (R53) DPST N.O./N.O. CCW Detent In-Line Term (R54) DPST N.C./N.C. CW Detent In-Line Term (R55) DPST N.C./N.C. CCW Detent In-Line Term (R56) DPST N.O./N.C. CW Detent Horz Term (R57) DPST N.O./N.C. CCW Detent Horz Term (R58) DPST N.O./N.O. CW Detent Horz Term (R59) DPST N.O./N.O. CCW Detent Horz Term (R60) DPST N.C./N.C. CW Detent Horz Term (R61) DPST N.C./N.C. CCW Detent Horz Term (R70) DPDT CW Detent In-Line Term (R71) DPDT CCW Detent In-Line Term (R72) DPDT CW Detent Horz Term (R73) DPDT CCW Detent Horz Term ANTI-ROTATION LUG A Single .305 ” (7.8 mm) R, 90 °CW C Single .305 ” (7.8 mm) R, 270 °CW D No Lug # SECTIONS APPLICABLE MODELS 1 Single Models 91 Thru 96 Only 2 Dual All Models, 2nd Section is a Switch in Model 99 AVAILABLE ONLY IN SHAFT TYPE LENGTHS BUSHINGS (CODE) (CODE) B Single Slotted 1/4 ” (6.35 mm) D 16,20,24,28 A, D C Single Flatted 1/4 ” (6.35 mm) D 24,28 A, D D Single Plain 1/8 ” (3.18 mm) D 16,20,24 C R Single Slotted 6 mm D Metric 16,19,22 R T Single Slotted 4 mm D Metric 16,19,22 U W Single Knurled 1/4 ” (6.35 mm) D 32 A, D ELEMENT TYPE RESISTANCE CODE TAPER/TOLERANCE VALUE IN OHMS (A) Linear Cermet ±10 % (05) - 100 (30) - 15 K (H) Linear Cermet ±5 % (28) -150 (16) - 20 K (06) - 200 (17) - 25 K (07) - 250 (18) - 50 K (08) - 500 (19) - 75 K (09) - 750 (20) - 100 K (10) - 1 K (31) - 150 K (29) - 1.5 K (21) - 200 K (11) - 2 K (22) - 250 K (12) - 2.5 K (23) - 500 K (13) - 5 K (24) - 750 K (14) - 7.5 K (25) - 1 M (15) - 10 K (B) Linear C-P ±20 % (10) - 1 K (18) - 50 K (E) Linear C-P ±10 % (12) - 2.5 K (20) - 100 K (13) - 5 K (22) - 250 K (15) - 10 K (23) - 500 K (16) - 20 K (25) - 1 M (17) - 25 K (C) CW Audio Cermet ±10 % (10) - 1 K (18) - 50 K (D) CW Audio C-P ±20 % (12) - 2.5 K (20) - 100 K (F) CCW Audio Cermet ±10 % (13) - 5 K (22) - 250 K (G) CCW Audio C-P ±20 % (15) - 10 K (23) - 500 K (S) CW Audio C-P ±10 % (17) - 25 K (25) - 1 M (T) CCW Audio C-P ±10 % SHAFT AVAILABLE LENGTH ONLY IN (FMS) BUSHING Code Description Code 16 1/2 ”L A, C, D 20 5/8 ”L A, C, D 24 3/4 ”L A, C, D 28 7/8 ”L A, D 32 1 ”L A, D METRIC 12 12 mmL U 16 16 mmL R, U 19 19 mmL R 22 22 mmL R, U BUSHING A Metal Plain 3/8 ” (9.53 mm) D x 3/8 ” (9.53 mm) L C Metal Plain 1/4 ” (6.35 mm) D x 1/4 ” (6.35 mm) L D Plastic Unthreaded 3/8 ” (9.53 mm) D x 3/8 ” (9.53 mm) D R Metal Plain 10 mm D x 9 mm L U Metal Plain 7 mm D x 9 mm L MODEL 91 Single-Turn, In-Line PC Pins 92 Single-Turn, In-Line J-Hooks 93 Single-Turn, L-Pattern PC Pins 94 Single-Turn, L-Pattern J-Hooks 95 Single-Turn, Triangle-Pattern Solder Lugs 96 Single-Turn, In-Line PC Pins, Sealed 99 Single-Turn, Triangle-Pattern Solder Lugs w/Switch How to Order 90 Series Panel Controls Boldface features are Bourns standard options. All others are available with higher minimum order quantities. REV. 11/04 91 A 2 A - B 28 - A 15 R51 (Optional) 99 A 2 A - B 28 - A 15 / |