| Moteur de recherche de fiches techniques de composants électroniques |
|
4616H-R2R-503 Fiches technique(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
4616H-R2R-503 Fiches technique(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 62 page ![]() Specifications are subject to change without notice. 279 Package Series Pin Isolated Bussed Dual Page Type Number Ct. Resistors Resistors Terminators No. 4 4304H-102-RC 4304H-101-RC 4304H-104-RC/RC 4300H 6 4306H-102-RC 4306H-101-RC 4306H-104-RC/RC 292 8 4308H-102-RC 4308H-101-RC 4308H-104-RC/RC 10 4310H-102-RC 4310H-101-RC 4310H-104-RC/RC Thick Film, Molded SIPs (continued) Molded SIP High Profile 8.89 (.350) Seated Height 24.99 (.984) MAX. 14.83 (.584) 9.75 (.384) MAX. MAX. 19.91 (.784) MAX. Package Series Pin Isolated Bussed Dual Page Type Number Ct. Resistors Resistors Terminators No. 4 4604X-102-RC 4604X-101-RC 4604X-104-RC/RC 5 4605X-101-RC 4605X-104-RC/RC 6 4606X-102-RC 4606X-101-RC 4606X-104-RC/RC 7 4607X-101-RC 4607X-104-RC/RC 8 4608X-102-RC 4608X-101-RC 4608X-104-RC/RC 9 4609X-101-RC 4609X-104-RC/RC 4600X 10 4610X-102-RC 4610X-101-RC 4610X-104-RC/RC 294 11 4611X-101-RC 4611X-104-RC/RC 12 4612X-102-RC 4612X-101-RC 4612X-104-RC/RC 13 4613X-101-RC 4613X-104-RC/RC 14 4614X-102-RC 4614X-101-RC 4614X-104-RC/RC Thick Film, Conformal SIPs Conformal SIP Low Profile 5.08 (.200) Seated Height Pin A Maximum Count mm (Inches) 4 10.11 (.398) 5 12.65 (.498) 6 15.19 (.598) 7 17.73 (.698) 8 20.27 (.798) 9 22.81 (.898) 10 25.35 (.998) 11 27.89 (1.098) 12 30.43 (1.198) 13 32.97 (1.298) 14 35.51 (1.398) 15 38.05 (1.498) 16 40.59 (1.598) A MAXIMUM 5.08 (.200) MAX. Industrial Grade Resistor Networks Product Selection Guide |