| Moteur de recherche de fiches techniques de composants électroniques |
|
4616X-R2R-503 Fiches technique(PDF) 7 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
4616X-R2R-503 Fiches technique(HTML) 7 Page - Bourns Electronic Solutions |
|
7 / 62 page ![]() Specifications are subject to change without notice. 283 Thin Film, Conformal SIPs Package Series Pin Isolated Bussed Series Page Type Number Ct. Resistors Resistors Circuit No. 4 4604T-102-XXXX XX 4604T-101-XXXX XX 4604T-106-XXXX XX 5 4605T-101-XXXX XX 4605T-106-XXXX XX 6 4606T-102-XXXX XX 4606T-101-XXXX XX 4606T-106-XXXX XX 7 4607T-101-XXXX XX 4607T-106-XXXX XX 8 4608T-102-XXXX XX 4608T-101-XXXX XX 4608T-106-XXXX XX 9 4609T-101-XXXX XX 4609T-106-XXXX XX 4600T,S,K 10 4610T-102-XXXX XX 4610T-101-XXXX XX 4610T-106-XXXX XX 316 11 4611T-101-XXXX XX 4611T-106-XXXX XX 12 4612T-102-XXXX XX 4612T-101-XXXX XX 4612T-106-XXXX XX 13 4613T-101-XXXX XX 4613T-106-XXXX XX 14 4614T-102-XXXX XX 4614T-101-XXXX XX 4614T-106-XXXX XX 15 4615T-101-XXXX XX 4615T-106-XXXX XX 16 4616T-102-XXXX XX 4616T-101-XXXX XX 4616T-106-XXXX XX Conformal SIP Low Profile (also available in medium and high profile) A MAXIMUM 5.08 (.200) MAX. Pin A Maximum Count mm (Inches) 4 10.11 (.398) 5 12.65 (.498) 6 15.19 (.598) 7 17.73 (.698) 8 20.27 (.798) 9 22.81 (.898) 10 25.35 (.998) 11 27.89 (1.098) 12 30.43 (1.198) 13 32.97 (1.298) 14 35.51 (1.398) 15 38.05 (1.498) 16 40.59 (1.598) Thin Film, Surface Mount Packages Package Series Pin Isolated Bussed Series Page Type Number Ct. Resistors Resistors Circuit No. 16 4416T-1-XXXX XX 4416T-2-XXXX XX 4400T 318 20 4420T-1-XXXX XX 4420T-2-XXXX XX 14 4814T-1-XXXX XX 4814T-2-XXXX XX 16 4816T-1-XXXX XX 4816T-2-XXXX XX 4800T 18 4818T-1-XXXX XX 4818T-2-XXXX XX 319 20 4820T-1-XXXX XX 4820T-2-XXXX XX SOL SMD Wide Body Gull Wing 7.493 ± .076 (.295 ± .003) 10.34 ± .25 (.407 ± .010) SOM SMD Medium Body Gull Wing 5.59 ± .12 (.220 ± .005) 7.62 ± .25 (.300 ± .010) Resistor Networks Product Selection Guide |