| Moteur de recherche de fiches techniques de composants électroniques |
|
4116H-R2R-503 Fiches technique(PDF) 6 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
4116H-R2R-503 Fiches technique(HTML) 6 Page - Bourns Electronic Solutions |
|
6 / 62 page ![]() Specifications are subject to change without notice. 282 RC Networks Standard Circuits (Custom Circuits Available) (Continued) Package Series Pin Capacitor Capacitor Circuit Page Type Number Ct. Types Range Type No. 4600H-700 4-14 NPO, X7R 39pf-100Kpf RC Terminator 307 4600M-800 4-14 X7R 39pf-100Kpf ECL Terminator 309 4600M-900 4-14 NPO, X7R 39pf-100Kpf Isolated/Bussed 312 Conformal SIP High Profile 8.89 (.350) MAX. A MAXIMUM Conformal SIP Medium Profile 6.35 (.250) MAX. A MAXIMUM Conformal SIP Medium Profile 6.35 (.250) MAX. A MAXIMUM Thin Film, Molded DIPs Package Series Pin Isolated Bussed Series Page Type Number Ct. Resistors Resistors Circuit No. 8 4108T-1-XXXX XX 14 4114T-1-XXXX XX 4114T-2-XXXX XX 4100T 16 4116T-1-XXXX XX 4116T-2-XXXX XX 313 18 4118T-1-XXXX XX 4118T-2-XXXX XX 20 4120T-1-XXXX XX 4120T-2-XXXX XX Molded DIP MAX. 11.81 (.465) 4.57 + .12/ - .28 (.180 + .005/ - .011) Thin Film, Molded SIPs Package Series Pin Isolated Bussed Series Page Type Number Ct. Resistors Resistors Circuit No. 6 4306T-102-XXXX XX 4306T-101-XXXX XX 4306T-106-XXXX XX 8 4308T-102-XXXX XX 4308T-101-XXXX XX 4308T-106-XXXX XX 4300T,S,K 9 4309T-101-XXXX XX 4309T-106-XXXX XX 314 10 4310T-102-XXXX XX 4310T-101-XXXX XX 4310T-106-XXXX XX 11 4311T-101-XXXX XX 4311T-106-XXXX XX Molded SIP Low Profile (also available in medium and high profile) 14.83 (.584) MAX. 4.95 (.195) MAX. Resistor Networks Product Selection Guide |