Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E3F2-R2RB41 Fiches technique(PDF) 25 Page - Omron Electronics LLC

No de pièce E3F2-R2RB41
Description  Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2RB41 Fiches technique(HTML) 25 Page - Omron Electronics LLC

Back Button E3F2-R2RB41 Datasheet HTML 20Page - Omron Electronics LLC E3F2-R2RB41 Datasheet HTML 21Page - Omron Electronics LLC E3F2-R2RB41 Datasheet HTML 22Page - Omron Electronics LLC E3F2-R2RB41 Datasheet HTML 23Page - Omron Electronics LLC E3F2-R2RB41 Datasheet HTML 24Page - Omron Electronics LLC E3F2-R2RB41 Datasheet HTML 25Page - Omron Electronics LLC E3F2-R2RB41 Datasheet HTML 26Page - Omron Electronics LLC E3F2-R2RB41 Datasheet HTML 27Page - Omron Electronics LLC E3F2-R2RB41 Datasheet HTML 28Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Photoelectric sensor
E3F2
25
Installation
Mounting Bracket
Y92E-B18
Note:
Hexagon bolt: M5 x 32
Material: plastic
Lens Cap
E39-F31
Mounting Bracket
Y92E-G18
Slit (for precision detection with E3F2-10
@)
E39-ES18
20 dia.
4 max.
Metal rim
Gasket
E3F2
Glass plate
Approx. 35
23.5
20.5
5
30
Two tightening nuts
30
M24x1.5
Sensor tightening nut
30
30
16
1
21
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28