| Moteur de recherche de fiches techniques de composants électroniques |
|
E3F2-R2B4-P1 Fiches technique(PDF) 21 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3F2-R2B4-P1 Fiches technique(HTML) 21 Page - Omron Electronics LLC |
|
21 / 28 page ![]() Photoelectric sensor E3F2 21 DC-Switching Models, plastic, radial type Cable type Connector type Without potentiometer E3F2-R2R#41 E3F2-R2R#41-P1 With potentiometer E3F2-DS30#41 E3F2-DS30#41-P1 37 42.3 64.9 M18x1 6g Light indicator 5 4 8 4.8 dia 6.9 3.45 24 optical area 5 4 8 M18x1 6g Light indicator 4.7 dia 42.3 37 73 62 6.9 optical area 24 3.45 37 42.3 49.3 M18x1 6g Light indicator Sensitivity adjustor 5 4 8 4.8 dia 64.9 6.9 optical area 24 3.45 5 4 8 M18x1 6g Sensitivity adjustor Light indicator 4.7 dia 49.3 42.3 37 73 62 6.9 optical area 24 3.45 |