| Moteur de recherche de fiches techniques de composants électroniques |
|
CG230LLSTR Fiches technique(PDF) 3 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
CG230LLSTR Fiches technique(HTML) 3 Page - Littelfuse |
|
3 / 6 page ![]() ©2009 Littelfuse, Inc. Gas Discharge Tube (GDT) Products 29 Revised: November 10, 2009 Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications. CG/CG2 Series CG/CG2 Series Device Dimensions [0.331 ± 0.012] 8.4 ± 0.3 [0.239 ± 0.012] 6.07 ± 0.3 [0.0157 ± 0.0012] 0.40 ± 0.03 0.004 2 Surfaces [0.032] 0.80 [0.388 ± 0.012] 9.85 ± 0.30 [0.439 ± 0.012] 11.15 ± 0.30 [0.331 ± 0.012] 8.40 ± 0.3 8.10 Max. [0.319 DIA Max.] 9.85 [0.388] 11.65 [0.459] 8.60 [0.339] 1.80 [0.071] TOP VIEW PROFILE VIEW SOLDER PAD LAYOUT 6.05 ± 0.2 [0.238 ± 0.0079] 5.58 [0.220] R5.29 [R0.208] 4 ± 0.2 [0.157 ± 0.0079] 8.30 ± 0.1 [0.327 ± 0.0039] 8.71 [0.343] 2.29 [0.090] 5.89 [0.232] 0.47 ± 0.1 [0.019 ± 0.0039] TOP VIEW PROFILE VIEW SEMI–PROFILE VIEW SOLDER PAD LAYOUT Leaded 'LS' Type Shaped Lead Devices 'MS' Type Devices Leaded 'L' Type Straight Axial Devices Core Devices 8.10DIA. MAX. [0.319] 6.07 ± 0.15 0.81DIA. TYP. [0.032] 62 ± 2 [0.239 ± 0.006] TOP VIEW PROFILE VIEW 6.07 ± 0.15 [0.239 ± 0.0059] 5.89[0.232] 8.10 Max. [0.032 Max.] TOP VIEW PROFILE VIEW SEMI–PROFILE VIEW 0.47 ± 0.1 [0.019 ± 0.0039] |