Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EE2-5TNKX-R6 Fiches technique(PDF) 9 Page - NEC

No de pièce EE2-5TNKX-R6
Description  Compact and lightweight, High breakdown voltage, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

EE2-5TNKX-R6 Fiches technique(HTML) 9 Page - NEC

Back Button EE2-5TNKX-R6 Datasheet HTML 4Page - NEC EE2-5TNKX-R6 Datasheet HTML 5Page - NEC EE2-5TNKX-R6 Datasheet HTML 6Page - NEC EE2-5TNKX-R6 Datasheet HTML 7Page - NEC EE2-5TNKX-R6 Datasheet HTML 8Page - NEC EE2-5TNKX-R6 Datasheet HTML 9Page - NEC EE2-5TNKX-R6 Datasheet HTML 10Page - NEC EE2-5TNKX-R6 Datasheet HTML 11Page - NEC EE2-5TNKX-R6 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EE2 SERIES
9
SOLDERING CONDITION
Note:
1. Temperature profile shows printed circuit board surface temperature on the relay terminal portion.
2. Check the actual soldering condition to use other method except above mentioned temperature profiles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12