Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EE2-5TNUN-R6 Fiches technique(PDF) 3 Page - NEC

No de pièce EE2-5TNUN-R6
Description  Compact and lightweight, High breakdown voltage, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

EE2-5TNUN-R6 Fiches technique(HTML) 3 Page - NEC

  EE2-5TNUN-R6 Datasheet HTML 1Page - NEC EE2-5TNUN-R6 Datasheet HTML 2Page - NEC EE2-5TNUN-R6 Datasheet HTML 3Page - NEC EE2-5TNUN-R6 Datasheet HTML 4Page - NEC EE2-5TNUN-R6 Datasheet HTML 5Page - NEC EE2-5TNUN-R6 Datasheet HTML 6Page - NEC EE2-5TNUN-R6 Datasheet HTML 7Page - NEC EE2-5TNUN-R6 Datasheet HTML 8Page - NEC EE2-5TNUN-R6 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EE2 SERIES
3
PAD LAYOUTS
(bottom view)
PIN CONFIGURATIONS
(bottom view)
MARKINGS
(top view)
SAFETY STANDARD AND RATING
UL Recognized
(UL508)*
File No E73266
CSA Certificated
(CSA C22.2 No14)
File No LR46266
30 Vdc, 2 A
(Resistive)
110 Vdc, 0.3 A (Resistive)
125 Vac, 0.5 A (Resistive)
* Spacing : UL114, UL478
TUV Certificate
(EN60255 / IEC60255)
No. R 9751153
(Nonlatch and Single-coil-latch)
Creepage and clearance of
coil to contact is more than 2 mm.
(According EN60950)
Basic insulation class



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12