Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA-2R Fiches technique(PDF) 9 Page - Honeywell Solid State Electronics Center

No de pièce BA-2R
Description  Interactive Catalog Supplements Catalog PDFs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BA-2R Fiches technique(HTML) 9 Page - Honeywell Solid State Electronics Center

  BA-2R Datasheet HTML 1Page - Honeywell Solid State Electronics Center BA-2R Datasheet HTML 2Page - Honeywell Solid State Electronics Center BA-2R Datasheet HTML 3Page - Honeywell Solid State Electronics Center BA-2R Datasheet HTML 4Page - Honeywell Solid State Electronics Center BA-2R Datasheet HTML 5Page - Honeywell Solid State Electronics Center BA-2R Datasheet HTML 6Page - Honeywell Solid State Electronics Center BA-2R Datasheet HTML 7Page - Honeywell Solid State Electronics Center BA-2R Datasheet HTML 8Page - Honeywell Solid State Electronics Center BA-2R Datasheet HTML 9Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Manual Switches
NT Series
Flat Base Sealed Toggles and Rockers
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
115
MOUNTING DIMENSIONS (For reference only)
Toggle Switches
Bushing mounting torque is 10–15 in./lbs.



Html Pages

1 2 3 4 5 6 7 8 9