| Moteur de recherche de fiches techniques de composants électroniques |
|
EE2-5TNUN-R Fiches technique(PDF) 1 Page - NEC |
|
|
|||||||||||||||||||||||||||||
EE2-5TNUN-R Fiches technique(HTML) 1 Page - NEC |
|
1 / 12 page ![]() For Right Use of Miniature Relays DO NOT EXCEED MAXIMUM RATINGS. Do not use relays under exceeding conditions such as over ambient temperature, over voltage and over current. Incorrect use could result in abnormal heating, damage to related parts or cause burning. READ CAUTIONS IN THE SELECTION GUIDE. Read the cautions described in NEC/TOKIN's "Miniature Relays" when you choose relays for your application. Document No. 0606EMDD03VOL02E Date Published May 2005 P Printed in Japan © NEC TOKIN Corporation 2002 DATA SHEET MINIATURE SIGNAL RELAY EE2 SERIES Compact and lightweight, High breakdown voltage, Surface mounting type DESCRIPTION The EE2 series surface-mounting type sustaining high-performance of NEC TOKIN EC2 series. FEATURES Compact and light weight 2 form c contact arrangement Low power consumption Reduced mounting space : 15 mm × 9.5 mm High-breakdown voltage of coil to contacts : 1500 Vac, 2500 V (rise time : 2 µs, fall time : 10 µs) Low power consumption : 100 to 140 mW Capable of High-power switching : 700 Vac, 4.2 A, 4 times in case of accident NK type guarantee 1.5kVac over withstanding voltage at open contact. (Only make contact) APPLICATIONS Electronic switching systems, PBX, terminal equipment, telephone system. |
Numéro de pièce similaire - EE2-5TNUN-R |
|
Description similaire - EE2-5TNUN-R |