Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7980TR Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce L7980TR
Description  2 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7980TR Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button L7980TR Datasheet HTML 35Page - STMicroelectronics L7980TR Datasheet HTML 36Page - STMicroelectronics L7980TR Datasheet HTML 37Page - STMicroelectronics L7980TR Datasheet HTML 38Page - STMicroelectronics L7980TR Datasheet HTML 39Page - STMicroelectronics L7980TR Datasheet HTML 40Page - STMicroelectronics L7980TR Datasheet HTML 41Page - STMicroelectronics L7980TR Datasheet HTML 42Page - STMicroelectronics L7980TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
L7980
Package mechanical data
Doc ID 15181 Rev 4
39/44
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44