| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8583P Fiches technique(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8583P Fiches technique(HTML) 33 Page - NXP Semiconductors |
|
33 / 37 page ![]() PCF8583 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 06 — 6 October 2010 33 of 37 NXP Semiconductors PCF8583 Clock and calendar with 240 x 8-bit RAM 15. References [1] AN10365 — Surface mount reflow soldering description [2] IEC 60134 — Rating systems for electronic tubes and valves and analogous semiconductor devices [3] IEC 61340-5 — Protection of electronic devices from electrostatic phenomena [4] IPC/JEDEC J-STD-020 — Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices [5] JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM) [6] JESD22-A115 — Electrostatic Discharge (ESD) Sensitivity Testing Machine Model (MM) [7] JESD78 — IC Latch-Up Test [8] JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices [9] NX3-00092 — NXP store and transport requirements [10] SNV-FA-01-02 — Marking Formats Integrated Circuits [11] UM10204 — I2C-bus specification and user manual |