Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8576DT/S400/2 Fiches technique(PDF) 44 Page - NXP Semiconductors

No de pièce PCF8576DT/S400/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DT/S400/2 Fiches technique(HTML) 44 Page - NXP Semiconductors

Back Button PCF8576DT/S400/2 Datasheet HTML 40Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 41Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 42Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 43Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 44Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 45Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 46Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 47Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
44 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
17. Handling information
All input and output pins are protected against ElectroStatic Discharge (ESD) under
normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that
all normal precautions are taken as described in JESD625-A, IEC 61340-5 or equivalent
standards.
Table 26.
Alignment marks
All x/y coordinates represent the position of the center of each alignment mark with respect to the
center (x/y = 0) of the chip (see Figure 3, Figure 26 and Figure 27).
Symbol
Location
Dimension
X (
m)
Y (
m)
Diameter (
m)
C1
930.42
870.3
72
C2
829.98
870.3
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57