| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2116CU/12 Fiches technique(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2116CU/12 Fiches technique(HTML) 35 Page - NXP Semiconductors |
|
35 / 64 page ![]() 1997 Apr 07 35 Philips Semiconductors Product specification LCD controller/drivers PCF2116 family 12 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). 13 HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take normal precautions appropriate to handling MOS devices (see “Handling MOS Devices”). SYMBOL PARAMETER MIN. MAX. UNIT VDD supply voltage −0.5 +8.0 V VLCD LCD supply voltage VDD − 11 VDD V VI input voltage OSC, V0, RS, R/W, E and DB0 to DB7 VSS − 0.5 VDD + 0.5 V VO output voltage R1 to R32, C1 to C60 and VLCD VLCD − 0.5 VDD + 0.5 V II DC input current −10 +10 mA IO DC output current −10 +10 mA IDD, ISS, ILCD VDD, VSS or VLCD current −50 +50 mA Ptot total power dissipation − 400 mW PO power dissipation per output − 100 mW Tstg storage temperature −65 +150 °C |