Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2116CU/10 Fiches technique(PDF) 24 Page - NXP Semiconductors

No de pièce PCF2116CU/10
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116CU/10 Fiches technique(HTML) 24 Page - NXP Semiconductors

Back Button PCF2116CU/10 Datasheet HTML 20Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 21Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 22Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 23Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 24Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 25Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 26Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 27Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
1997 Apr 07
24
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
Table 4
Command bit identities
BIT
0
1
I/D
decrement
increment
S
display freeze
display shift
D
display off
display on
C
cursor off
cursor on
B
character at cursor position does not blink
character at cursor position blinks
S/C
cursor move
display shift
R/L
left shift
right shift
DL
4 bits
8 bits
G
voltage generator: VLCD =V0
voltage generator; VLCD =V0 − 0.8VDD
N, (M = 0)
PCF2116x
1 line
× 24 characters; MUX 1 : 16
2 lines
× 24 characters; MUX 1 : 32
PCF2114x
2 line
× 12 characters; MUX 1 : 16
2 lines
× 24 characters; MUX 1 : 32
N, (M = 1)
reserved
4 lines
× 12 characters; MUX 1 : 32
BF
end of internal operation
internal operation in progress
Co
last control byte, only data bytes to follow
next two bytes are a data byte and another
control byte
Fig.18 4-bit transfer example.
MGA804
RS
E
DB7
R/W
DB6
DB5
DB4
instruction
write
busy flag and
address counter read
data register
read
IR7
IR3
BF
AC3
DR7
DR3
IR6
IR2
AC6
AC2
DR6
DR2
IR5
IR1
AC5
AC1
DR5
DR1
IR4
IR0
AC4
AC0
DR4
DR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64