Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2116AHZ Fiches technique(PDF) 17 Page - NXP Semiconductors

No de pièce PCF2116AHZ
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116AHZ Fiches technique(HTML) 17 Page - NXP Semiconductors

Back Button PCF2116AHZ Datasheet HTML 13Page - NXP Semiconductors PCF2116AHZ Datasheet HTML 14Page - NXP Semiconductors PCF2116AHZ Datasheet HTML 15Page - NXP Semiconductors PCF2116AHZ Datasheet HTML 16Page - NXP Semiconductors PCF2116AHZ Datasheet HTML 17Page - NXP Semiconductors PCF2116AHZ Datasheet HTML 18Page - NXP Semiconductors PCF2116AHZ Datasheet HTML 19Page - NXP Semiconductors PCF2116AHZ Datasheet HTML 20Page - NXP Semiconductors PCF2116AHZ Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
1997 Apr 07
17
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
Fig.11 Relationship between CGRAM addresses and data and display patterns.
handbook, full pagewidth
MGA800 - 1
7
654
321
0
654
321
0
432
10
higher
order
bits
lower
order
bits
lower
order
bits
higher
order
bits
lower
order
bits
higher
order
bits
0
000
000
0
0
000
000
0
001
00
0
010
00
0
011
0
100
0
0
0
101
00
0
110
00
0
111
000
00
000
00
0
001
0
0
0
010
00
00
011
100
101
00
00
110
00
00
111
000
00
001
0
000
000
1
0
001
0
000
001
0
0
000
111
1
0
000
111
1
0
000
111
1
0
000
111
1
01
0
0
000
100
101
110
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
11
1
character codes
(DDRAM data)
CGRAM
address
character patterns
(CGRAM data)
character
pattern
example 1
cursor
position
character
pattern
example 2
Character code bits 0 to 3 correspond to CGRAM address bits 3 to 6.
CGRAM address bits 0 to 2 designate character pattern line position. The 8th line is the cursor position and display is performed by logical OR with
the cursor. Data in the 8th line will appear in the cursor position.
Character pattern column positions correspond to CGRAM data bits 0 to 4, as shown in Fig.11 (bit 4 being at the left end).
As shown in Figs 8 and 11, CGRAM character patterns are selected when character code bits 4 to 7 are all logic 0. CGRAM data = logic 1
corresponds to selection for display.
Only bits 0 to 5 of the CGRAM address are set by the ‘Set CGRAM address’ instruction. Bit 6 can be set using the ‘Set DDRAM address’ instruction
or by using the auto-increment feature during CGRAM write. All bits 0 to 6 can be read using the ‘Read busy flag and address’ instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64