| Moteur de recherche de fiches techniques de composants électroniques |
|
TGP-751 Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TGP-751 Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 19 page ![]() Micropelt - preliminary - Datasheet TE-CORE v2.5 | Page 8 Thermoharvesting Module Micropelt TE-CORE 2.3 TGP Electrical Performance without DC-DC Booster The direct output performance of the TGP devices are measured at an ambient temperature of 25 ºC with heatsink fins in vertical orientation for best natural con- vection (see § 4.1). The performance of the TGP-751 exceeds that of the reference system TE-Power ONE/NODE, although both are based on the same TEG MPG-D751. A reduced par- asitic heat flux by using the TGP component caused this improvement. The difference in performance between TGP-D651 and TGP-D751 increases with heatsink performance and higher gross temperature differentials. The following diagrams provide the output voltages and power of TGP-751 and TGP-651, each integrated in a standard TE-CORE module. DC-DC Booster is not used. |