Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2012ADRG4 Fiches technique(PDF) 22 Page - Texas Instruments

No de pièce TPS2012ADRG4
Description  POWER-DISTRIBUTION SWITCHES
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2012ADRG4 Fiches technique(HTML) 22 Page - Texas Instruments

Back Button TPS2012ADRG4 Datasheet HTML 18Page - Texas Instruments TPS2012ADRG4 Datasheet HTML 19Page - Texas Instruments TPS2012ADRG4 Datasheet HTML 20Page - Texas Instruments TPS2012ADRG4 Datasheet HTML 21Page - Texas Instruments TPS2012ADRG4 Datasheet HTML 22Page - Texas Instruments TPS2012ADRG4 Datasheet HTML 23Page - Texas Instruments TPS2012ADRG4 Datasheet HTML 24Page - Texas Instruments TPS2012ADRG4 Datasheet HTML 25Page - Texas Instruments TPS2012ADRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS2010ADR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TPS2011ADR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TPS2012ADR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TPS2013ADR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TPS2013APWPR
HTSSOP
PWP
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29