Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LVR033 Fiches technique(PDF) 5 Page - Tyco Electronics

No de pièce LVR033
Description  PolySwitch Resettable Devices Line-Voltage-Rated Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR033 Fiches technique(HTML) 5 Page - Tyco Electronics

  LVR033 Datasheet HTML 1Page - Tyco Electronics LVR033 Datasheet HTML 2Page - Tyco Electronics LVR033 Datasheet HTML 3Page - Tyco Electronics LVR033 Datasheet HTML 4Page - Tyco Electronics LVR033 Datasheet HTML 5Page - Tyco Electronics LVR033 Datasheet HTML 6Page - Tyco Electronics LVR033 Datasheet HTML 7Page - Tyco Electronics LVR033 Datasheet HTML 8Page - Tyco Electronics LVR033 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
179
15
RoHS compliant, ELV compliant
Dimensions for LVR Devices in Millimeters (Inches)
Table L4
LVR/LVRL
LVR005NK
—
6.9
—
12.1
4.3
5.8
7.6
——
4.6
(0.27)
(0.48)
(0.17) (0.23)
(0.30)
(0.18)
L2
LVR005NS
—
6.9
—
9.9
4.3
5.8
7.6
——
4.6
(0.27)
(0.39)
(0.17) (0.23)
(0.30)
(0.18)
L4
LVR008NK
—
7.2
—
12.4
4.3
5.8
7.6
——
4.6
(0.28)
(0.49)
(0.17) (0.23)
(0.30)
(0.18)
L2
LVR008NS
—
7.2
—
10.2
4.3
5.8
7.6
——
4.6
(0.28)
(0.40)
(0.17) (0.23)
(0.30)
(0.18)
L4
LVR012K
—
8.3
—
12.9
4.3
5.8
7.6
——
3.8
(0.33)
(0.51)
(0.17) (0.23)
(0.30)
(0.15)
L2
LVR012S
—
8.3
—
10.7
4.3
5.8
7.6
——
3.8
(0.33)
(0.43)
(0.17) (0.23)
(0.30)
(0.15)
L4
LVR016K
—
9.9
—
13.8
4.3
5.8
7.6
——
3.8
(0.39)
(0.54)
(0.17) (0.23)
(0.30)
(0.15)
L2
LVR016S
—
9.9
—
12.5
4.3
5.8
7.6
——
3.8
(0.39)
(0.50)
(0.17) (0.23)
(0.30)
(0.15)
L4
LVR025K
—
9.6
—
18.8
4.3
5.8
7.6
——
3.8
(0.38)
(0.74)
(0.17) (0.23)
(0.30)
(0.15)
L3
LVR025S
—
9.6
—
17.4
4.3
5.8
7.6
——
3.8
(0.38)
(0.69)
(0.17) (0.23)
(0.30)
(0.15)
L5
LVR033K
—
11.4
—
19.0
4.3
5.8
7.6
——
3.8
(0.45)
(0.75)
(0.17) (0.23)
(0.30)
(0.15)
L3
LVR033S
—
11.4
—
16.5
4.3
5.8
7.6
——
3.8
(0.45)
(0.65)
(0.17) (0.23)
(0.30)
(0.15)
L5
LVR040K
—
11.5
—
20.9
4.3
5.8
7.6
——
3.8
(0.46)
(0.82)
(0.17) (0.23)
(0.30)
(0.15)
L3
LVR040S
—
11.5
—
19.5
4.3
5.8
7.6
——
3.8
(0.46)
(0.77)
(0.17) (0.23)
(0.30)
(0.15)
L5
LVR055K
—
14.0
—
22.4
4.3
5.8
7.6
——
4.1
(0.55)
(0.88)
(0.17) (0.23)
(0.30)
(0.16)
L3
LVR055S
—
14.0
—
21.7
4.3
5.8
7.6
——
4.1
(0.55)
(0.85)
(0.17) (0.23)
(0.30)
(0.16)
L5
LVR075S
—
11.5
—
23.4
4.1
6.1
5.1
——
4.8
(0.45)
(0.92)
(0.16) (0.24)
(0.20)
(0.19)
L5
LVR100S
—
18.7
—
24.4
8.9
11.4
5.1
——
5.1
(0.74)
(0.96)
(0.35) (0.45)
(0.20)
(0.20)
L4
LVR125S
—
21.2
—
27.4
8.9
11.4
5.1
——
5.3
(0.84)
(1.08)
(0.35) (0.45)
(0.20)
(0.21)
L4
LVR200S
—
24.9
—
33.8
8.9
11.4
5.1
——
6.1
(0.98)
(1.33)
(0.35) (0.45)
(0.20)
(0.24)
L5
LVRL075S
—
10.9
—
17.0
4.3
5.8
7.6
——
4.1
(0.43)
(0.67)
(0.17) (0.23)
(0.30)
(0.16)
L5
LVRL100S
—
11.5
—
20.1
4.3
5.8
7.6
——
4.1
(0.45)
(0.79)
(0.17) (0.23)
(0.30)
(0.16)
L5
LVRL125S
—
14.0
—
21.7
4.3
5.8
7.6
——
4.1
(0.55)
(0.85)
(0.17) (0.23)
(0.30)
(0.16)
L5
LVRL135S
—
16.3
—
21.7
4.3
5.8
7.6
——
4.1
(0.64)
(0.85)
(0.17) (0.23)
(0.30)
(0.16)
L5
LVRL200S
—
23.5
—
31.8
9.4
10.9
7.6
——
4.1
(0.93)
(1.25)
(0.37) (0.43)
(0.30)
(0.16)
L5
Part Number
A
Min.
Max.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10