| Moteur de recherche de fiches techniques de composants électroniques |
|
LOG112AIDE4 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LOG112AIDE4 Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 20 page ![]() LOG112, 2112 2 SBOS246D www.ti.com ABSOLUTE MAXIMUM RATINGS(1) Supply Voltage, V+ to V– .................................................................. ±18V Inputs ................................................................................................. ±18V Input Current ................................................................................... ±10mA Output Short-Circuit Current(2) ................................................ Continuous Operating Temperature .................................................... –40 °C to +85°C Storage Temperature ..................................................... –55 °C to +125°C Junction Temperature .................................................................... +150 °C Lead Temperature (soldering, 10s) ............................................... +300 °C NOTES: (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. (2) One output per package. PIN CONFIGURATION Top View SO I 2 V CM – IN NC V REF – GND GND V– V REF NC = No Internal Connection LOG112 I 1 NC +IN3 –IN3 V LOGOUT V+ V O3 14 13 12 11 10 9 8 1 2 3 4 5 6 7 I 1B I 2B +IN3B –IN3B V LOGOUTB V– V 03B V REF LOG2112 I 1A I 2A +IN3A –IN3A V LOGOUTA V+ V O3A GND 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Texas Instru- ments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE PACKAGE PRODUCT PACKAGE-LEAD DESIGNATOR MARKING LOG112 SO -14 D LOG112A LOG2112 SO -16 DW LOG2112A NOTES: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. PACKAGE/ORDERING INFORMATION(1) |