| Moteur de recherche de fiches techniques de composants électroniques |
|
CD74AC161 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD74AC161 Fiches technique(HTML) 1 Page - Texas Instruments |
|
1 / 18 page ![]() CD54AC161, CD74AC161 4-BIT SYNCHRONOUS BINARY COUNTERS SCHS239C – SEPTEMBER 1998 – REVISED MARCH 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Internal Look-Ahead for Fast Counting D Carry Output for n-Bit Cascading D Synchronous Counting D Synchronously Programmable D SCR-Latchup-Resistant CMOS Process and Circuit Design D Exceeds 2-kV ESD Protection per MIL-STD-883, Method 3015 description/ordering information The ’AC161 devices are 4-bit binary counters. These synchronous, presettable counters feature an internal carry look-ahead for application in high-speed counting These devices are fully programmable; that is, they can be preset to any number between 0 and 9 or 15. Presetting is synchronous; therefore, setting up a low level at the load input disables the counter and causes the outputs to agree with the setup data after the next clock pulse, regardless of the levels of the enable inputs. The clear function is asynchronous. A low level at the clear (CLR) input sets all four of the flip-flop outputs low, regardless of the levels of the CLK, load (LOAD), or enable inputs. The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without additional gating. Instrumental in accomplishing this function are ENP, ENT, and a ripple-carry output (RCO). Both ENP and ENT must be high to count, and ENT is fed forward to enable RCO. Enabling RCO produces a high-level pulse while the count is maximum (9 or 15, with QA high). This high-level overflow ripple-carry pulse can be used to enable successive cascaded stages. Transitions at ENP or ENT are allowed, regardless of the level of CLK. The counters feature a fully independent clock circuit. Changes at control inputs (ENP, ENT, or LOAD) that modify the operating mode have no effect on the contents of the counter until clocking occurs. The function of the counter (whether enabled, disabled, loading, or counting) is dictated solely by the conditions meeting the stable setup and hold times. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP – E Tube CD74AC161E CD74AC161E 55 °Cto125°C SOIC M Tube CD74AC161M AC161M –55 °C to 125°C SOIC – M Tape and reel CD74AC161M96 AC161M CDIP – F Tube CD54AC161F3A CD54AC161F3A † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 CLR CLK A B C D ENP GND VCC RCO QA QB QC QD ENT LOAD CD54AC161 ...F PACKAGE CD74AC161 ...E OR M PACKAGE (TOP VIEW) Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - CD74AC161 |
|
Description similaire - CD74AC161 |