| Moteur de recherche de fiches techniques de composants électroniques |
|
AD-DPGIOZ Fiches technique(PDF) 51 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD-DPGIOZ Fiches technique(HTML) 51 Page - Analog Devices |
|
51 / 61 page ![]() Data Sheet AD9961/AD9963 Rev. A | Page 51 of 60 Table 26 shows the operating modes vs. serial port configuration bits. Table 26. TRx Bus Operation via Serial Port TXEN RXEN TRXD Bus Direction Tx Bus Function 0 0 High-Z High-Z 0 1 Rx High-Z 1 0 Tx High-Z 1 1 Rx High-Z Table 27 shows the operating modes of the TRXD bus as a function of the TXnRX signal. The Tx bus is high impedance in half-duplex mode. Table 27. Rx Bus Operation via TXnRX Pin TXnRX State TRXD Bus Direction Tx Bus Function 0 Rx High-Z 1 Tx High-Z The timing of the bus turnaround is shown in the Figure 83 and Figure 84. TRXIQ HIGH-Z HIGH-Z TRXD[11:0] tTXRDY TXnRX Figure 83. Half-Duplex Bus Turnaround, Rx to Tx TRXIQ HIGH-Z HIGH-Z TRXD[11:0] tTXRDY TXnRX Figure 84. Half-Duplex Bus Turnaround, Tx to Rx |